|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
this document was generated on 03/22/2010 please check www.molex.com for latest part information part number: 0022286142 status: active description: 2.54mm (.100") pitch kk? header, breakaway, right angle, 14 circuits, 0.38m (15") gold (au) selective plating, mating pin length 9.17mm (.361") documents: 3d model product specification ps-10-07 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 42376 application board-to-board, wire-to-board product name kk? physical breakaway yes circuits (loaded) 14 circuits (maximum) 14 color - resin black durability (mating cycles max) 25 flammability 94v-0 glow-wire compliant no material - metal brass material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 1 orientation right angle pc tail length (in) 0.120 in pc tail length (mm) 3.05 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 15 plating min: mating (m) 0.38 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to mating part no polarized to pcb no shrouded no stackable no surface mount compatible (smc) no temperature range - operating 0c to +75c termination interface: style through hole electrical current - maximum per contact 4a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 42376 series mates with 2695 , 6471 , 7880 , 4455 , 7720 , 70430 , 7859 , l ink:90148, 90147 , 70400a , 70066a , 40556
voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number 42376-0049 reference - drawing numbers product specification ps-10-07 sales drawing sd-42376-001 this document was generated on 03/22/2010 please check www.molex.com for latest part information rev: ecr / ecn information: sheet no. ec no.: ucp2009-1603 k13 date: 4/23/2009 title: kk 100 header assembly flat right angle breakaway - 2 - document number: created / revised by: checked by: approved by: sd - 42376 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42376-0002 / 0036 header number: 42312-0002/0036 pin number: 42663-bka154 pin length: l .600/15.24 mating length: m .361/9.17 gold point: g n/a pin height: y .142/3.61 pc tail length: p .120/3.05 tin: t overall ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 22-28-6020 42376-0002 20 22-28-6200 42376-0020 03 22-28-6030 42376-0003 21 22-28-6210 42376-0021 04 22-28-6040 42376-0004 22 22-28-6220 42376-0022 05 22-28-6050 42376-0005 23 22-28-6230 42376-0023 06 22-28-6060 42376-0006 24 22-28-6240 42376-0024 07 22-28-6070 42376-0007 25 22-28-6250 42376-0025 08 22-28-6080 42376-0008 26 22-28-6260 42376-0026 09 22-28-6090 42376-0009 27 22-28-6270 42376-0027 10 22-28-6100 42376-0010 28 22-28-6280 42376-0028 11 22-28-6110 42376-0011 29 22-28-6290 42376-0029 12 22-28-6120 42376-0012 30 22-28-6300 42376-0030 13 22-28-6130 42376-0013 31 22-28-6310 42376-0031 14 22-28-6140 42376-0014 32 22-28-6320 42376-0032 15 22-28-6150 42376-0015 33 22-28-6330 42376-0033 16 22-28-6160 42376-0016 34 22-28-6340 42376-0034 17 22-28-6170 42376-0017 35 22-28-6350 42376-0035 18 22-28-6180 42376-0018 36 22-28-6360 42376-0036 19 22-28-6190 42376-0019 a-42376-0037 / 0071 header number: 42312-0002/0036 pin number: 42663-bkb208 pin length: l .600/15.24 mating length: m .361/9.17 gold point: g .180/4.57 pin height: y .142/3.61 pc tail length: p .120/3.05 tin: t .135/3.43 ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 22-28-6022 42376-0037 20 22-28-6202 42376-0055 03 22-28-6032 42376-0038 21 22-28-6212 42376-0056 04 22-28-6042 42376-0039 22 22-28-6222 42376-0057 05 22-28-6052 42376-0040 23 22-28-6232 42376-0058 06 22-28-6062 42376-0041 24 22-28-6242 42376-0059 07 22-28-6072 42376-0042 25 22-28-6252 42376-0060 08 22-28-6082 42376-0043 26 22-28-6262 42376-0061 09 22-28-6092 42376-0044 27 22-28-6272 42376-0062 10 22-28-6102 42376-0045 28 22-28-6282 42376-0063 11 22-28-6112 42376-0046 29 22-28-6292 42376-0064 12 22-28-6122 42376-0047 30 22-28-6302 42376-0065 13 22-28-6132 42376-0048 31 22-28-6312 42376-0066 14 22-28-6142 42376-0049 32 22-28-6322 42376-0067 15 22-28-6152 42376-0050 33 22-28-6332 42376-0068 16 22-28-6162 42376-0051 34 22-28-6342 42376-0069 17 22-28-6172 42376-0052 35 22-28-6352 42376-0070 18 22-28-6182 42376-0053 36 22-28-6362 42376-0071 19 22-28-6192 42376-0054 rev: ecr / ecn information: sheet no. ec no.: ucp2009-1603 k13 date: 4/23/2009 title: kk 100 header assembly flat right angle breakaway - 3 - document number: created / revised by: checked by: approved by: sd - 42376 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42376-0072 / 0106 header number: 42312-0002/0036 pin number: 42663-bkb228 pin length: l .600/15.24 mating length: m .361/9.17 gold point: g .180/4.57 pin height: y .142/3.61 pc tail length: p .120/3.05 tin: t .135/3.43 ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 22-28-6024 42376-0072 20 22-28-6204 42376-0090 03 22-28-6034 42376-0073 21 22-28-6214 42376-0091 04 22-28-6044 42376-0074 22 22-28-6224 42376-0092 05 22-28-6054 42376-0075 23 22-28-6234 42376-0093 06 22-28-6064 42376-0076 24 22-28-6244 42376-0094 07 22-28-6074 42376-0077 25 22-28-6254 42376-0095 08 22-28-6084 42376-0078 26 22-28-6264 42376-0096 09 22-28-6094 42376-0079 27 22-28-6274 42376-0097 10 22-28-6104 42376-0080 28 22-28-6284 42376-0098 11 22-28-6114 42376-0081 29 22-28-6294 42376-0099 12 22-28-6124 42376-0082 30 22-28-6304 42376-0100 13 22-28-6134 42376-0083 31 22-28-6314 42376-0101 14 22-28-6144 42376-0084 32 22-28-6324 42376-0102 15 22-28-6154 42376-0085 33 22-28-6334 42376-0103 16 22-28-6164 42376-0086 34 22-28-6344 42376-0104 17 22-28-6174 42376-0087 35 22-28-6354 42376-0105 18 22-28-6184 42376-0088 36 22-28-6364 42376-0106 19 22-28-6194 42376-0089 a-42376-0107 / 0141 header number: 42312-0002/0036 pin number: 42663-cxa154 pin length: l .750/19.05 mating length: m .405/10.29 gold point: g n/a pin height: y .248/6.30 pc tail length: p .120/3.05 tin: t overall ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0043 ckts material number eng number ckts material number eng number 02 22-28-6021 42376-0107 20 22-28-6201 42376-0125 03 22-28-6031 42376-0108 21 22-28-6211 42376-0126 04 22-28-6041 42376-0109 22 22-28-6221 42376-0127 05 22-28-6051 42376-0110 23 22-28-6231 42376-0128 06 22-28-6061 42376-0111 24 22-28-6241 42376-0129 07 22-28-6071 42376-0112 25 22-28-6251 42376-0130 08 22-28-6081 42376-0113 26 22-28-6261 42376-0131 09 22-28-6091 42376-0114 27 22-28-6271 42376-0132 10 22-28-6101 42376-0015 28 22-28-6281 42376-0133 11 22-28-6111 42376-0116 29 22-28-6291 42376-0134 12 22-28-6121 42376-0117 30 22-28-6301 42376-0135 13 22-28-6131 42376-0118 31 22-28-6311 42376-0136 14 22-28-6141 42376-0119 32 22-28-6321 42376-0137 15 22-28-6151 42376-0120 33 22-28-6331 42376-0138 16 22-28-6161 42376-0121 34 22-28-6341 42376-0139 17 22-28-6171 42376-0122 35 22-28-6351 42376-0140 18 22-28-6181 42376-0123 36 22-28-6361 42376-0141 19 22-28-6191 42376-0124 rev: ecr / ecn information: sheet no. ec no.: ucp2009-1603 k13 date: 4/23/2009 title: kk 100 header assembly flat right angle breakaway - 4 - document number: created / revised by: checked by: approved by: sd - 42376 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42376-0142 / 0176 header number: 42312-0002/0036 pin number: 42663-cxb208 pin length: l .750/19.05 mating length: m .405/10.29 gold point: g .180/4.57 pin height: y .248/6.30 pc tail length: p .120/3.05 tin: t .135/3.43 ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0043 ckts material number eng number ckts material number eng number 02 22-28-6023 42376-0142 20 22-28-6203 42376-0160 03 22-28-6033 42376-0143 21 22-28-6213 42376-0161 04 22-28-6043 42376-0144 22 22-28-6223 42376-0162 05 22-28-6053 42376-0145 23 22-28-6233 42376-0163 06 22-28-6063 42376-0146 24 22-28-6243 42376-0164 07 22-28-6073 42376-0147 25 22-28-6253 42376-0165 08 22-28-6083 42376-0148 26 22-28-6263 42376-0166 09 22-28-6093 42376-0149 27 22-28-6273 42376-0167 10 22-28-6103 42376-0150 28 22-28-6283 42376-0168 11 22-28-6113 42376-0151 29 22-28-6293 42376-0169 12 22-28-6123 42376-0152 30 22-28-6303 42376-0170 13 22-28-6133 42376-0153 31 22-28-6313 42376-0171 14 22-28-6143 42376-0154 32 22-28-6323 42376-0172 15 22-28-6153 42376-0155 33 22-28-6333 42376-0173 16 22-28-6163 42376-0156 34 22-28-6343 42376-0174 17 22-28-6173 42376-0157 35 22-28-6353 42376-0175 18 22-28-6183 42376-0158 36 22-28-6363 42376-0176 19 22-28-6193 42376-0159 a-42376-0177 / 0211 header number: 42312-0002/0036 pin number: 42663-cxb228 pin length: l .750/19.05 mating length: m .405/10.29 gold point: g .180/4.57 pin height: y .248/6.30 pc tail length: p .120/3.05 tin: t .135/3.43 ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0043 ckts material number eng number ckts material number eng number 02 22-28-6025 42376-0177 20 22-28-6205 42376-0195 03 22-28-6035 42376-0178 21 22-28-6215 42376-0196 04 22-28-6045 42376-0179 22 22-28-6225 42376-0197 05 22-28-6055 42376-0180 23 22-28-6235 42376-0198 06 22-28-6065 42376-0181 24 22-28-6245 42376-0199 07 22-28-6075 42376-0182 25 22-28-6255 42376-0200 08 22-28-6085 42376-0183 26 22-28-6265 42376-0201 09 22-28-6095 42376-0184 27 22-28-6275 42376-0202 10 22-28-6105 42376-0185 28 22-28-6285 42376-0203 11 22-28-6115 42376-0186 29 22-28-6295 42376-0204 12 22-28-6125 42376-0187 30 22-28-6305 42376-0205 13 22-28-6135 42376-0188 31 22-28-6315 42376-0206 14 22-28-6145 42376-0189 32 22-28-6325 42376-0207 15 22-28-6155 42376-0190 33 22-28-6335 42376-0208 16 22-28-6165 42376-0191 34 22-28-6345 42376-0209 17 22-28-6175 42376-0192 35 22-28-6355 42376-0210 18 22-28-6185 42376-0193 36 22-28-6365 42376-0211 19 22-28-6195 42376-0194 rev: ecr / ecn information: sheet no. ec no.: ucp2009-1603 k13 date: 4/23/2009 title: kk 100 header assembly flat right angle breakaway - 5 - document number: created / revised by: checked by: approved by: sd - 42376 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42376-0212 / 0246 header number: 42312-0002/0036 pin number: 42663-bna154 pin length: l .615/15.62 mating length: m .361/9.17 gold point: g n/a pin height: y .142/3.61 pc tail length: p .135/3.43 tin: t overall ckts: 2-36 kinks: per smes-42003 removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 22-28-7020 42376-0212 20 22-28-7200 42376-0230 03 22-28-7030 42376-0213 21 22-28-7210 42376-0231 04 22-28-7040 42376-0214 22 22-28-7220 42376-0232 05 22-28-7050 42376-0215 23 22-28-7230 42376-0233 06 22-28-7060 42376-0216 24 22-28-7240 42376-0234 07 22-28-7070 42376-0217 25 22-28-7250 42376-0235 08 22-28-7080 42376-0218 26 22-28-7260 42376-0236 09 22-28-7090 42376-0219 27 22-28-7270 42376-0237 10 22-28-7100 42376-0220 28 22-28-7280 42376-0238 11 22-28-7110 42376-0221 29 22-28-7290 42376-0239 12 22-28-7120 42376-0222 30 22-28-7300 42376-0240 13 22-28-7130 42376-0223 31 22-28-7310 42376-0241 14 22-28-7140 42376-0224 32 22-28-7320 42376-0242 15 22-28-7150 42376-0225 33 22-28-7330 42376-0243 16 22-28-7160 42376-0226 34 22-28-7340 42376-0244 17 22-28-7170 42376-0227 35 22-28-7350 42376-0245 18 22-28-7180 42376-0228 36 22-28-7360 42376-0246 19 22-28-7190 42376-0229 a-42376-0247 / 0281 header number: 42312-0002/0036 pin number: 42663-bnb208 pin length: l .615/15.62 mating length: m .361/9.17 gold point: g .180/4.57 pin height: y .142/3.61 pc tail length: p .135/3.43 tin: t .135/3.43 ckts: 2-36 kinks: per smes-42003 removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 22-28-7022 42376-0247 20 22-28-7202 42376-0265 03 22-28-7032 42376-0248 21 22-28-7212 42376-0266 04 22-28-7042 42376-0249 22 22-28-7222 42376-0267 05 22-28-7052 42376-0250 23 22-28-7232 42376-0268 06 22-28-7062 42376-0251 24 22-28-7242 42376-0269 07 22-28-7072 42376-0252 25 22-28-7252 42376-0270 08 22-28-7082 42376-0253 26 22-28-7262 42376-0271 09 22-28-7092 42376-0254 27 22-28-7272 42376-0272 10 22-28-7102 42376-0255 28 22-28-7282 42376-0273 11 22-28-7112 42376-0256 29 22-28-7292 42376-0274 12 22-28-7122 42376-0257 30 22-28-7302 42376-0275 13 22-28-7132 42376-0258 31 22-28-7312 42376-0276 14 22-28-7142 42376-0259 32 22-28-7322 42376-0277 15 22-28-7152 42376-0260 33 22-28-7332 42376-0278 16 22-28-7162 42376-0261 34 22-28-7342 42376-0279 17 22-28-7172 42376-0262 35 22-28-7352 42376-0280 18 22-28-7182 42376-0263 36 22-28-7362 42376-0281 19 22-28-7192 42376-0264 rev: ecr / ecn information: sheet no. ec no.: ucp2009-1603 k13 date: 4/23/2009 title: kk 100 header assembly flat right angle breakaway - 6 - document number: created / revised by: checked by: approved by: sd - 42376 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42376-0282/ 0316 header number: 42312-0002/0036 pin number: 42663-bnb228 pin length: l .615/15.62 mating length: m .361/9.17 gold point: g .180/4.57 pin height: y .142/3.61 pc tail length: p .135/3.43 tin: t .135/3.43 ckts: 2-36 kinks: per smes-42003 removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 22-28-7024 42376-0282 20 22-28-7204 42376-0300 03 22-28-7034 42376-0283 21 22-28-7214 42376-0301 04 22-28-7044 42376-0284 22 22-28-7224 42376-0302 05 22-28-7054 42376-0285 23 22-28-7234 42376-0303 06 22-28-7064 42376-0286 24 22-28-7244 42376-0304 07 22-28-7074 42376-0287 25 22-28-7254 42376-0305 08 22-28-7084 42376-0288 26 22-28-7264 42376-0306 09 22-28-7094 42376-0289 27 22-28-7274 42376-0307 10 22-28-7104 42376-0290 28 22-28-7284 42376-0308 11 22-28-7114 42376-0291 29 22-28-7294 42376-0309 12 22-28-7124 42376-0292 30 22-28-7304 42376-0310 13 22-28-7134 42376-0293 31 22-28-7314 42376-0311 14 22-28-7144 42376-0294 32 22-28-7324 42376-0312 15 22-28-7154 42376-0295 33 22-28-7334 42376-0313 16 22-28-7164 42376-0296 34 22-28-7344 42376-0314 17 22-28-7174 42376-0297 35 22-28-7354 42376-0315 18 22-28-7184 42376-0298 36 22-28-7364 42376-0316 19 22-28-7194 42376-0299 a-42376-0317 / 0351 header number: 42312-0002/0036 pin number: 42663-daa154 pin length: l .765/19.43 mating length: m .405/10.29 gold point: g n/a pin height: y .248/6.30 pc tail length: p .135/3.43 tin: t overall ckts: 2-36 kinks: per smes-42003 removed backwalls: none voided ckts: none packaging: bulk pk-40873-0043 ckts material number eng number ckts material number eng number 02 22-28-7021 42376-0317 20 22-28-7201 42376-0335 03 22-28-7031 42376-0318 21 22-28-7211 42376-0336 04 22-28-7041 42376-0319 22 22-28-7221 42376-0337 05 22-28-7051 42376-0320 23 22-28-7231 42376-0338 06 22-28-7061 42376-0321 24 22-28-7241 42376-0339 07 22-28-7071 42376-0322 25 22-28-7251 42376-0340 08 22-28-7081 42376-0323 26 22-28-7261 42376-0341 09 22-28-7091 42376-0324 27 22-28-7271 42376-0342 10 22-28-7101 42376-0325 28 22-28-7281 42376-0343 11 22-28-7111 42376-0326 29 22-28-7291 42376-0344 12 22-28-7121 42376-0327 30 22-28-7301 42376-0345 13 22-28-7131 42376-0328 31 22-28-7311 42376-0346 14 22-28-7141 42376-0329 32 22-28-7321 42376-0347 15 22-28-7151 42376-0330 33 22-28-7331 42376-0348 16 22-28-7161 42376-0331 34 22-28-7341 42376-0349 17 22-28-7171 42376-0332 35 22-28-7351 42376-0350 18 22-28-7181 42376-0333 36 22-28-7361 42376-0351 19 22-28-7191 42376-0334 rev: ecr / ecn information: sheet no. ec no.: ucp2009-1603 k13 date: 4/23/2009 title: kk 100 header assembly flat right angle breakaway - 7 - document number: created / revised by: checked by: approved by: sd - 42376 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42376-0352 / 0386 header number: 42312-0002/0036 pin number: 42663-dab208 pin length: l .765/19.43 mating length: m .405/10.29 gold point: g .180/4.57 pin height: y .248/6.30 pc tail length: p .135/3.43 tin: t .135/3.43 ckts: 2-36 kinks: per smes-42003 removed backwalls: none voided ckts: none packaging: bulk pk-40873-0043 ckts material number eng number ckts material number eng number 02 22-28-7023 42376-0352 20 22-28-7203 42376-0370 03 22-28-7033 42376-0353 21 22-28-7213 42376-0371 04 22-28-7043 42376-0354 22 22-28-7223 42376-0372 05 22-28-7053 42376-0355 23 22-28-7233 42376-0373 06 22-28-7063 42376-0356 24 22-28-7243 42376-0374 07 22-28-7073 42376-0357 25 22-28-7253 42376-0375 08 22-28-7083 42376-0358 26 22-28-7263 42376-0376 09 22-28-7093 42376-0359 27 22-28-7273 42376-0377 10 22-28-7103 42376-0360 28 22-28-7283 42376-0378 11 22-28-7113 42376-0361 29 22-28-7293 42376-0379 12 22-28-7123 42376-0362 30 22-28-7303 42376-0380 13 22-28-7133 42376-0363 31 22-28-7313 42376-0381 14 22-28-7143 42376-0364 32 22-28-7323 42376-0382 15 22-28-7153 42376-0365 33 22-28-7333 42376-0383 16 22-28-7163 42376-0366 34 22-28-7343 42376-0384 17 22-28-7173 42376-0367 35 22-28-7353 42376-0385 18 22-28-7183 42376-0368 36 22-28-7363 42376-0386 19 22-28-7193 42376-0369 a-42376-0387 / 0421 header number: 42312-0002/0036 pin number: 42663-dab228 pin length: l .765/19.43 mating length: m .405/10.29 gold point: g .180/4.57 pin height: y .248/6.30 pc tail length: p .135/3.43 tin: t .135/3.43 ckts: 2-36 kinks: per smes-42003 removed backwalls: none voided ckts: none packaging: bulk pk-40873-0043 ckts material number eng number ckts material number eng number 02 22-28-7025 42376-0387 20 22-28-7205 42376-0405 03 22-28-7035 42376-0388 21 22-28-7215 42376-0406 04 22-28-7045 42376-0389 22 22-28-7225 42376-0407 05 22-28-7055 42376-0390 23 22-28-7235 42376-0408 06 22-28-7065 42376-0391 24 22-28-7245 42376-0409 07 22-28-7075 42376-0392 25 22-28-7255 42376-0410 08 22-28-7085 42376-0393 26 22-28-7265 42376-0411 09 22-28-7095 42376-0394 27 22-28-7275 42376-0412 10 22-28-7105 42376-0395 28 22-28-7285 42376-0413 11 22-28-7115 42376-0396 29 22-28-7295 42376-0414 12 22-28-7125 42376-0397 30 22-28-7305 42376-0415 13 22-28-7135 42376-0398 31 22-28-7315 42376-0416 14 22-28-7145 42376-0399 32 22-28-7325 42376-0417 15 22-28-7155 42376-0400 33 22-28-7335 42376-0418 16 22-28-7165 42376-0401 34 22-28-7345 42376-0419 17 22-28-7175 42376-0402 35 22-28-7355 42376-0420 18 22-28-7185 42376-0403 36 22-28-7365 42376-0421 19 22-28-7195 42376-0404 rev: ecr / ecn information: sheet no. ec no.: ucp2009-1603 k13 date: 4/23/2009 title: kk 100 header assembly flat right angle breakaway - 8 - document number: created / revised by: checked by: approved by: sd - 42376 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42376-0422/0456 header number: 42312-0002/0036 pin number: 42663-ata154 pin length: l .530/13.46 mating length: m .276/7.01 gold point: g n/a pin height: y .142/3.61 pc tail length: p .135/3.43 tin: t overall ckts: 2-36 kinks: per smes-42003 removed backwalls: none voided ckts: none packaging pk-40873-0041 ckts material number ckts material number 02 42376-0422 20 42376-0440 03 42376-0423 21 42376-0441 04 42376-0424 22 42376-0442 05 42376-0425 23 42376-0443 06 42376-0426 24 42376-0444 07 42376-0427 25 42376-0445 08 42376-0428 26 42376-0446 09 42376-0429 27 42376-0447 10 42376-0430 28 42376-0448 11 42376-0431 29 42376-0449 12 42376-0432 30 42376-0450 13 42376-0433 31 42376-0451 14 42376-0434 32 42376-0452 15 42376-0435 33 42376-0453 16 42376-0436 34 42376-0454 17 42376-0437 35 42376-0455 18 42376-0438 36 42376-0456 19 42376-0439 a-42376-0549/0581 header number: 42312-0004/0036 pin number: 42663-daa154 pin length: l .765/19.43 mating length: m .405/10.29 gold point: g n/a pin height: y .248/6.30 pc tail length: p .135/3.43 tin: t overall ckts: 4-36 kinks: per smes-42003 removed backwalls: none voided ckts: 3 packaging bulk pk-40873-0043 ckts material number ckts material number 02 20 42376-0565 03 21 42376-0566 04 42376-0549 22 42376-0567 05 42376-0550 23 42376-0568 06 42376-0551 24 42376-0569 07 42376-0552 25 42376-0570 08 42376-0553 26 42376-0571 09 42376-0554 27 42376-0572 10 42376-0555 28 42376-0573 11 42376-0556 29 42376-0574 12 42376-0557 30 42376-0575 13 42376-0558 31 42376-0576 14 42376-0559 32 42376-0577 15 42376-0560 33 42376-0578 16 42376-0561 34 42376-0579 17 42376-0562 35 42376-0580 18 42376-0563 36 42376-0581 19 42376-0564 a-42376-0582/0616 header number: 42312-0002/0036 pin number: 42663-dca154 pin length: l .775/19.69 mating length: m .524/13.31 gold point: g n/a pin height: y .142/3.61 pc tail length: p .131/3.33 tin: t overall ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging pk-40873-0043 ckts material number ckts material number 02 42376-0582 20 42376-0600 03 42376-0583 21 42376-0601 04 42376-0584 22 42376-0602 05 42376-0585 23 42376-0603 06 42376-0586 24 42376-0604 07 42376-0587 25 42376-0605 08 42376-0588 26 42376-0606 09 42376-0589 27 42376-0607 10 42376-0590 28 42376-0608 11 42376-0591 29 42376-0609 12 42376-0592 30 42376-0610 13 42376-0593 31 42376-0611 14 42376-0594 32 42376-0612 15 42376-0595 33 42376-0613 16 42376-0596 34 42376-0614 17 42376-0597 35 42376-0615 18 42376-0598 36 42376-0616 19 42376-0599 rev: ecr / ecn information: sheet no. ec no.: ucp2009-1603 k13 date: 4/23/2009 title: kk 100 header assembly flat right angle breakaway - 9 - document number: created / revised by: checked by: approved by: sd - 42376 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc 42376-0718 / ---- header number: 42312-0002/0036 pin number: 42663-ana154 pin length: l .510/12.95 mating length: m .175/4.45 gold point: g n/a pin height: y .248/6.30 pc tail length: p .100/2.54 tin: t overall ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 423760718 42376-0718 20 03 21 04 22 05 23 06 24 07 25 08 26 09 27 10 28 11 29 12 30 13 31 14 32 15 33 16 34 17 35 18 36 19 42376-0683 / ---- header number: 42312-0002/0036 pin number: 42663-ctb208 pin length: l .740/18.80 mating length: m .405/10.29 gold point: g .180/4.57 pin height: y .235/5.97 pc tail length: p .123/3.12 tin: t .135/3.43 ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 20 03 21 04 22 05 23 06 423760687 42376-0687 24 07 25 08 26 09 27 10 28 11 29 12 30 13 31 14 32 15 33 16 34 17 35 18 36 19 rev: ecr / ecn information: sheet no. ec no.: ucp2009-1603 k13 date: 4/23/2009 title: kk 100 header assembly flat right angle breakaway - 10 - document number: created / revised by: checked by: approved by: sd - 42376 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc 42376-0753 / 0787 header number: 42312-0002/0036 pin number: 42663-bba154 pin length: l .560/14.22 mating length: m .208/5.28 gold point: g n/a pin height: y .248/6.30 pc tail length: p .120/3.05 tin: t overall ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 20 03 21 04 22 05 423760756 42376-0756 23 06 24 07 25 08 26 09 27 423760778 42376-0778 10 28 11 29 423760780 42376-0780 12 30 13 31 14 32 15 33 16 34 17 35 18 36 19 42376-0788 / 0822 header number: 42312-0002/0036 pin number: 42663-dha154 pin length: l .800 / 20.32 mating length: m .350 / 8.90 gold point: g n/a pin height: y .354 / 9.00 pc tail length: p .118 / 3.00 tin: t overall ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 20 03 21 04 423760790 42376-0790 22 05 23 06 423760792 42376-0792 24 07 25 08 26 09 27 10 28 11 29 12 30 13 31 14 32 15 33 16 34 17 35 18 36 19 |
Price & Availability of 22-28-6142 |